Part Number Hot Search : 
B4406 N8050 204A17 LA8200M FAN3100T 2SK1167 SR3050 BOURNS
Product Description
Full Text Search
 

To Download KS57C21116 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  KS57C21116/c21124/c21132/p21132 microcontroller pro duct overview 1- 1 1 product overview overview the KS57C21116/c21124/c21132 single-chip cmos microcontroller has been designed for high performance using samsung's newest 4 -bit cpu core, sam47 (samsung arrangeable microcontrollers). with an up-to- 1280 -dot lcd direct drive capability , segment expandable circuit , 8-bit and 16-bit timer/counter, and serial i/o, the KS57C21116/c21124/c21132 offers an excellent design solution for a wide variety of applications which require lcd func tions. up to 51 pins of the 1 28 -pin qfp package can be dedicated to i/o. nine vectored interrupts provide fast response to internal and external events. in addi tion, the KS57C21116/c21124/c21132 's advanced cmos technology pro vides for low power consumption and a wide oper at ing voltage range. otp the KS57C21116/c21124/c21132 microcontroller is also available in otp (one time programmable) version, ks57p21132. ks57p21132 microcontroller has an on-chip 32-kbyte one-time-programmable eprom instead of masked rom. the ks57p21132 is comparable to KS57C21116/c21124/c21132, both in function and in pin configuration except rom size.
product overview KS57C21116/c21124/c21132/p21132 microcontroller 1- 2 features summary memory ? 3,584 4-bit ram (excluding lcd display ram) ? 16,384/24,576/32 , 768 8-bit rom 51 i/o pins ? i/o: 47 pins (32 pins are configurable as seg pins) ? input only: 4 pins lcd controller/driver ? 80 seg 16 com, 88 seg 8 com terminals ? internal resistor circuit for lcd bias ? 16 level lcd contrast control (software) ? segment expandable circuit ? all dot can be switched on/off 8-bit basic timer ? 4 interval timer functions ? watch-dog timer 8-bit timer/counter ? programmable 8-bit timer ? external event counter ? arbitrary clock frequency output ? external clock signal divider 16-bit timer/counter ? programmable 16-bit timer ? external event counter ? arbitrary clock frequency output ? external clock signal divider ? configurable as two 8-bit timers ? serial i/o interface clock generator watch timer ? time interval generation: 0.5 s, 3.9 ms at 32 , 768 hz ? 4 frequency outputs to buz pin ? clock source generation for lcd 8-bit serial i/o interface ? 8-bit transmit/receive mode ? 8-bit receive mode ? lsb-first or ms b-first transmission selectable ? internal or external clock source comparator ? 3 channel mode: internal reference (4-bit resolution) ? 2 channel mode: external reference interrupts ? f ive internal vectored interrupts ? four external vectored interrupts ? two quasi-interrupts bit sequential carrier ? supports 16-bit serial data transfer in arbitrary format memory-mapped i/o structure ? data memory bank 15 power-down modes ? idle mode (only cpu clock stops) ? stop mode (main system clock stops) ? subsystem clock stop mode oscillation sources ? crystal, c eramic or rc for main system clock ? crystal oscillator for subsystem clock ? main system clock frequency: 0.4 ? 6 mhz ? subsystem clock frequency: 32.768 khz ? cpu clock divider circuit (by 4, 8 or 64) instruction execution times ? 0.67, 1.33, 10.7 s at 6 mhz ? 0.95, 1.91, 15.3 s at 4.19 mhz ? 122 s at 32.768 khz operating temperature ? ? 40 c to 85 c operating voltage range ? 1.8 v to 5.5 v package type ? 128-pin qfp
product overview KS57C21116/c21124/c21132/p21132 microcontroller 1 - 3
KS57C21116/c21124/c21132/p21132 microcontroller pro duct overview
product overview KS57C21116/c21124/c21132/p21132 microcontroller 1- - 5
KS57C21116/c21124/c21132/p21132 microcontroller pro duct overview
product overview KS57C21116/c21124/c21132/p21132 microcontroller 1 -7


▲Up To Search▲   

 
Price & Availability of KS57C21116

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X